Part Number Hot Search : 
MB89P899 80ZFP 12S12 LM3950 243NQ080 B82114 2SA2012 25835M06
Product Description
Full Text Search
 

To Download KBU25005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU25005 THRU KBU2510
Single Phase 25 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 25 Amperes
KBU
Features
* UL Recognized File # E-230084 * Ideal for printed circuit board * Reliable low cost construction technique *
results in inexpensive product High temperature soldering guaranteed: 260 / 10 seconds / 0.375" ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension
.700(17.8) .600(16.8)
.15x.23L(3.8x5.7L) HOLE THRU .300(7.5)
.780(19.8) .740(18.8)
-
AC
+
.52(1.3) .48(1.2)
.866(22.0) MIN
Mechanical Data
* Case: Molded plastic * Lead: solder plated * Polarity: As marked
.280(7.1) .268(6.8) .935(23.7) .895(22.7)
DIA
.220(5.6) .180(4.6)
SPACING
.140(5.3)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
www..com
Type Number VRRM VRMS VDC I(AV) IFSM VF IR
RJC TJ TSTG
KBU 25005 50 35 50
KBU 2501 100 70 100
KBU 2502 200 140 200
KBU 2504 400 280 400
25.0 400 1.1 10 500 0.8 -55 to +125 -55 to +125
KBU 2506 600 420 600
KBU 2508 800 560 800
KBU 2510 1000 700 1000
UNITS V V V A A V A
/W
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage
Maximum Average Forward Rectified Current @TC = 100
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @12.5A Maximum DC Reverse Current @ TA=25 rated DC blocking voltage per leg TA = 125
Typical Thermal Resistance (Note)
Operating Temperature Range Storage Temperature Range
NOTEDevice Mounted on 100x100x1.6mm
Cu Plate Heatsink.
Page 1 of 2
http://www.21yangjie.com
RATING AND CHARACTERISTIC CURVES KBU25005 THRU KBU2510
www..com
Page 2 of 2
http://www.21yangjie.com


▲Up To Search▲   

 
Price & Availability of KBU25005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X